Part Number Hot Search : 
CXP50712 QTLP670C 4001B AO4448L 2N167A Z5225 AAT1271A AD7707BR
Product Description
Full Text Search
 

To Download UPD17P719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS INTEGRATED CIRCUIT
PD17P719
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
The PD17P719 is produced by replacing the built-in masked ROM of the PD17717, PD17718, and PD17719 with a one-time PROM. The PD17P719 allows programs to be written once, so that the PD17P719 is suitable for preproduction in
PD17717, PD17718, or PD17719 system development or low-volume production.
When reading this document, also refer to the publications on the PD17717, PD17718, or PD17719. The electrical characteristics (including power supply currents) and PLL analog characteristics of the PD17P719 differ from those of the PD17717, PD17718, and PD17719. In high-volume application set production, carefully check those differences.
FEATURES
* * *
Compatible with the PD17717, PD17718, and PD17719 Built-in one-time PROM Supply voltage : 32K bytes (16384 x 16 bits) : PLL operation : VDD = 4.5 to 5.5 V CPU operation : VDD = 3.5 to 5.5 V
ORDERING INFORMATION
Part number Package 80-pin plastic QFP (14 x 14 mm, 0.65-mm pitch)
PD17P719GC-3B9
The information in this document is subject to change without notice.
Document No. U12112EJ1V0DS00 (1st edition) Date Published February 1997 J Printed in Japan
(c)
1997
PD17P719
FUNCTION OVERVIEW
Item Product
(1/2)
PD17717 PD17718
16384 x 16 bits (masked ROM) 1776 x 4 bits
PD17719
PD17P719
16384 x 16 bits (one-time PROM)
Program memory (ROM)
12288 x 16 bits (masked ROM) 1120 x 4 bits
General-purpose data memory (RAM)
Instruction execution time 1.78 s (with fX = 4.5-MHz crystal) General-purpose ports * I/O ports : 46 * Input ports : 12 * Output ports : 4 * Address stack : 15 levels * Interrupt stack : 4 levels * DBF stack : 4 levels (operated by software) * External : 6 (CE rising edge and INT0 to INT4) * Internal : 6 (timers 0 to 3, serial interfaces 0 and 1) 5 * * * * channels Basic timer (clock: 10, 20, 50, 100 Hz) 8-bit timer with gate counter (clock: 1 k, 2 k, 10 k, 100 kHz) 8-bit timer (clock: 1 k, 2 k, 10 k, 100 kHz) 8-bit timer, also used for PWM (clock: 440 Hz, 4.4 kHz)
Stack level
Interrupt
Timers
: : : :
1 1 2 1
channel channel channels channel
A/D converter D/A converter (PWM)
8 bits x 6 channels (Hardware or software mode can be selected.) 3 channels (8-bit or 9-bit resolution, selected by software.) Output frequency : 4.4 kHz, 440 Hz (8-bit PWM) 2.2 kHz, 220 Hz (9-bit PWM) 2 systems (4 channels) * Selectable for 3-wire serial I/O method, SBI method, 2-wire serial I/O method, or I2C bus methodNote. * Selectable for 3-wire serial I/O method or UART method. * Direct frequency division system (VCOL pin (MF mode) : 0.5 to 3 MHz) * Pulse swallow system (VCOL pin (HF mode) : 10 to 40 MHz) (VCOH pin (VHF mode) : 60 to 130 MHz) Can be set to one of 13 frequencies (1, 1.25, 2.5, 3, 5, 6.25, 9, 10, 12.5, 18, 20, 25, or 50 kHz). 2 error output pins (EO0 and EO1) Unlock detection is enabled by software. * Intermediate frequency (IF) measurement P1C0/FMIFC pin : 10 to 11 MHz in FMIF mode 0.4 to 0.5 MHz in AMIF mode P1C1/AMIFC pin : 0.4 to 0.5 MHz in AMIF mode * External gate width measurement P2A1/FCG1 and P2A0/FCG0 pins
Serial interface
PLL
Frequency division system Reference frequency Charge pump Phase comparator
Intermediate frequency counter
Note When ordering a mask, please consult our sales office if the I2C bus method is used (or when the serial interface is accomplished by the program not by the peripheral hardware).
2
PD17P719
(2/2)
Item BEEP output Product
PD17717
PD17718
PD17719
PD17P719
2 Output frequency : 1 kHz, 3 kHz, 4 kHz, 6.7 kHz (BEEP0 pin) 67 Hz, 200 Hz, 3 kHz, 4 kHz (BEEP1 pin) * Power-on reset (when the power is turned on) * Reset using the RESET pin * Watchdog timer reset Can be set only once at power-on: 65,536 instructions, 131,072 instructions, or non-use can be selected. * Stack pointer overflow/underflow reset Can be set only once at power-on: the interrupt stack or address stack can be selected. * CE reset (CE pin: low high) A CE reset delay timing can be set. * Power-failure detection function * Clock stop mode (STOP) * Halt mode (HALT) * PLL operation : VDD = 4.5 to 5.5 V * CPU operation : VDD = 3.5 to 5.5 V 80-pin plastic QFP (14 x 14 mm, 0.65-mm pitch)
Reset
Standby
Supply voltage
Package
3
PD17P719
PIN CONFIGURATION (TOP VIEW)
80-pin plastic QFP (14 x 14 mm, 0.65-mm pitch)
PD17P719GC-3B9
(1) Normal operation mode
P0B2/SCK3/ASCK
P0B1/SO3/TxD
P0B0/SI3/RxD
P0A1/SCK2
P2D2/SCK
RESET
P0A3/SDA
P0A0/SO2
P2D0/SB0
P2D1/SB1
P0A2/SCL
P0B3/SI2
GND0
P0C0
VDD0
CE
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 INT2 P1A3/INT4 P1A2/INT3 P1A1 P1A0/TM0G P3A3 P3A2 P3A1 P3A0 P3B3 P3B2 P3B1 P3B0 P2A2 P2A1/FCG1 P2A0/FCG0 P1B3 P1B2/PWM2 P1B1/PWM1 P1B0/PWM0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 P0C2 P0C3 P2C0 P2C1 P2C2 P2C3 P3D0 P3D1 P3D2 P3D3 P3C0 P3C1 P3C2 P3C3 P2B0 P2B1 P2B2 P2B3 INT0 INT1
GND2
P0D3/AD3
P0D2/AD2
P0D1/AD1
XIN
P0D0/AD0
P1C3/AD5
P1C2/AD4
P1C1/AMIFC
P1C0/FMIFC
TEST
P1D1/BEEP1
4
P1D0/BEEP0
VDD1
VCOH
VCOL
GND1
EO0
EO1
P1D3
P1D2
P0C1
REG
XOUT
PD17P719
(2) PROM programming mode
VDD0
REGNote
(OPEN)
GND0
(H)
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 1 2 3 4 5 6 7 (L) 8 9 10 11 12 13 14 15 16 17 (OPEN) 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 (L) (L) D0 D1 D2 D3 D4 D5 D6 D7
GND2
CLK
(L)
GND1
MD3
MD2
MD1
MD0
VDD1
(L) VPP (L)
(L)
Note Connect to the same potential as VDD. Caution The parentheses above indicate the handling of the pins not used in PROM programming mode. L H : Connect each pin to GND through a resistor (470 ohms). : Connect each pin to VDD through a resistor (470 ohms).
OPEN : Leave each pin open.
(OPEN)
(L)
5
PD17P719
PIN NAMES
AD0-AD5 AMIFC ASCK CE CLK D0-D7 EO0, EO1 FCG0, FCG1 FMIFC GND0-GND2 INT0-INT4 MD0-MD3 PWM0-PWM2 P0A0-P0A3 P0B0-P0B3 P0C0-P0C3 P0D0-P0D3 P1A0-P1A3 P1B0-P1B3 P1C0-P1C3 P1D0-P1D3 P2A0-P2A2 P2B0-P2B3 : A/D converter inputs : AM frequency counter input : UART serial clock I/O : Chip enable : Address update clock input : Data I/O : Error outputs : Frequency counter gate inputs : FM frequency counter input : Ground 0 to 2 : External interrupt inputs : Operating mode selection : D/A converter outputs : Port 0A : Port 0B : Port 0C : Port 0D : Port 1A : Port 1B : Port 1C : Port 1D : Port 2A : Port 2B P2C0-P2C3 P2D0-P2D2 P3A0-P3A3 P3B0-P3B3 P3C0-P3C3 P3D0-P3D3 REG RESET RxD SB0, SB1 SCK SCL SDA SI2, SI3 SO2, SO3 TEST TM0G TxD VCOH VCOL VDD0, VDD1 VPP XIN, XOUT : Port 2C : Port 2D : Port 3A : Port 3B : Port 3C : Port 3D : CPU regulator : Reset input : UART serial data input : SBI serial data I/O : SBI serial clock I/O : 2-wire serial clock I/O : 2-wire serial data I/O : 3-wire serial data input : 3-wire serial data output : Test input : Timer 0 gate input : UART serial data output : Local oscillation high input : Local oscillation low input : Power supply : Program voltage application : Main clock oscillation
BEEP0, BEEP1 : Beep outputs
SCK2, SCK3 : 3-wire serial clock I/O
6
PD17P719
BLOCK DIAGRAM
P0A0-P0A3 P0B0-P0B3 P0C0-P0C3 P0D0-P0D3 P1A0-P1A3 P1B0-P1B3 P1C0(MD0)P1C3(MD3) P1D0-P1D3 P2A0-P2A2 P2B0-P2B3 P2C0(D0)-P2C3(D3) P2D0-P2D2 P3A0-P3A3 P3B0-P3B3 P3C0-P3C3 P3D0(D4)-P3D3(D7) AD0/P0D0 AD1/P0D1 AD2/P0D2 AD3/P0D3 AD4/P1C2 AD5/P1C3 PWM0/P1B0 PWM1/P1B1 PWM2/P1B2 4 4 RF 4 4 4 4 4 ALU 4 3 4 4 3 4 4 4 Program counter 4 Frequency counter FCG0/P2A0 FCG1/P2A1 FMIFC/P1C0 AMIFC/P1C1 Stack A/D converter 8-bit timer 0 Gate counter 8-bit timer 1 8-bit timer 2 8-bit timer 3 Basic timer Reset GND0-GND2 CPU Peripheral XIN(CLK) XOUT CE RESET VDD0,VDD1 TM0G/P1A0 One-time PROM 16384 x 16 bits Interrupt control Instruction decoder Ports Serial interface 3 SYSREG Serial interface 2 RAM 1776 x 4 bits PLL VCOH VCOL EO0 EO1 SO2/P0A0 SCK2/P0A1 SCL/P0A2 SDA/P0A3 SI2/P0B3 SB0/P2D0 SB1/P2D1 SCK/P2D2 SCK3/P0B2/ASCK SO3/P0B1/TxD SI3/P0B0/RxD BEEP0/P1D0 BEEP1/P1D1 INT0 INT1 INT2 INT3/P1A2 INT4/P1A3
BEEP
D/A converter
OSC
VCPU
Regurator
REG
Remark Pins enclosed in parentheses are used in PROM programming mode.
7
PD17P719
CONTENTS
1.
PIN FUNCTIONS .........................................................................................................................
1.1 1.2 1.3 1.4 1.5 1.6 NORMAL OPERATION MODE ....................................................................................................... PROM PROGRAMMING MODE ..................................................................................................... EQUIVALENT CIRCUIT OF PINS .................................................................................................. HANDLING UNUSED PINS ............................................................................................................ NOTES ON USE OF THE CE, INT0-INT4, AND RESET PINS (ONLY IN NORMAL OPERATION MODE) ....................................................................................................................... NOTES ON USE OF THE TEST PIN (ONLY IN NORMAL OPERATION MODE) ......................
9
9 13 14 19 21 21
2.
ONE-TIME PROM (PROGRAM MEMORY) WRITE, READ, AND VERIFICATION ................
2.1 2.2 2.3 OPERATING MODES FOR PROGRAM MEMORY WRITE, READ, AND VERIFICATION ........ PROGRAM MEMORY WRITE PROCEDURE ............................................................................... PROGRAM MEMORY READ PROCEDURE .................................................................................
22
23 24 25
3. 4. 5.
ELECTRICAL CHARACTERISTICS .......................................................................................... PACKAGE DRAWING ................................................................................................................ RECOMMENDED SOLDERING CONDITIONS .......................................................................
26 31 32 33
APPENDIX DEVELOPMENT TOOLS ..............................................................................................
8
PD17P719
1. PIN FUNCTIONS
1.1 NORMAL OPERATION MODE
Pin No. 1 41 42 2 3 4 5
Symbol INT2 INT1 INT0 P1A3/INT4 P1A2/INT3 P1A1 P1A0/TM0G
Function Input for edge-detected vectored. Either a rising edge or falling edge can be selected.
Output format -
Input for port 1A, external interrupt request signal, and event signal
-
* * *
P1A3-P1A0 * 4-bit input port INT4, INT3 * Edge-detected vectored interrupt TM0G * Gate input for 8-bit timer 0 When reset When the clock is stopped Held
Power-on reset Input (P1A3-P1A0) 6 to 9 P3A3 to P3A0
WDT&SP reset Input (P1A3-P1A0)
CE reset Held
4-bit I/O port. Input/output can be specified in 4-bit units. When reset Power-on reset Input WDT&SP reset Input CE reset Held When the clock is stopped Held
CMOS push-pull
10 to 13
P3B3 to P3B0
4-bit I/O port. Input/output can be specified in 4-bit units. When reset Power-on reset Input WDT&SP reset Input CE reset Held When the clock is stopped Held
CMOS push-pull
14 15 16
P2A2 P2A1/FCG1 P2A0/FCG0
Input for port 2A and external gate counter * P2A2-P2A0 * 3-bit I/O port * Input/output can be specified bit by bit. * FCG1, FCG0 * External gate counter input When reset Power-on reset Input (P2A2-P2A0) WDT&SP reset Input (P2A2-P2A0) CE reset Held (P2A2-P2A0) When the clock is stopped Held (P2A2-P2A0)
CMOS push-pull
9
PD17P719
Pin No. 17 18 to 20 Symbol P1B3 P1B2/PWM2 to P1B0/PWM0 Function Output for port 1B and D/A converter * P1B3-P1B0 * 4-bit output port * PWM2-PWM0 * 8-bit or 9-bit D/A converter output When reset Power-on reset Low-level output (P1B3-P1B0) 21 33 75 22 to 25 GND2 GND1 GND0 P0D3/AD3 to P0D0/AD0 Input for port 0D and A/D converter * P0D3-P0D0 * 4-bit input port * A pull-down resistor can be set bit by bit. Ground WDT&SP reset Low-level output (P1B3-P1B0) CE reset Held When the clock is stopped Held (P1B3-P1B0) Output format N-ch open-drain (12-V withstand voltage)
*
AD3-AD0 * Analog input for 8-bit-resolution A/D converter When reset When the clock is stopped Held
Power-on reset Input with pulldown resistors (P0D3-P0D0) 26 27 28 29 P1C3/AD5 P1C2/AD4 P1C1/AMIFC P1C0/FMIFC
WDT&SP reset Input with pulldown resistors (P0D3-P0D0)
CE reset Held
Input for port 1C, A/D converter, and IF counter
-
* * *
P1C3-P1C0 * 4-bit input port AD5, AD4 * Analog input for 8-bit-resolution A/D converter FMIFC, AMIFC * Frequency counter input When reset Power-on reset WDT&SP reset Input (P1C3-P1C0) CE reset * P1C3/AD5, P1C2/AD4 Held * P1C1/AMIFC, P1C0/FMIFC Input (P1C1, P1C0) When the clock is stopped * P1C3/AD5, P1C2/AD4 Held * P1C1/AMIFC, P1C0/FMIFC Input (P1C1, P1C0)
Input (P1C3-P1C0)
10
PD17P719
Pin No. 30 79 Symbol VDD1 VDD0 Function Power supply. Apply the same voltage to the VDD1 and VDD0 pins. * When the CPU and peripheral functions are operating: 4.5 to 5.5 V * When only the CPU is operating: 3.5 to 5.5 V * When the clock is stopped: 2.2 to 5.5 V Input for PLL local oscillation (VCO) frequency * VCOH * Active when VHF mode is selected by software. Otherwise, pulled down. * VCOL * Active when HF or MW mode is selected by software. Otherwise, pulled down. Inputs to these pins are to be AC-amplified. Cut, therefore, the DC components in the input signals by using capacitors. 34 35 EO0 EO1 Output from the charge pump of the PLL frequency synthesizer. The result of phase comparison between the divided local oscillation frequency and reference frequency is output. When reset Power-on reset WDT&SP reset CE reset When the clock is stopped CMOS tristate Output format -
31 32
VCOH VCOL
-
High-impedance High-impedance High-impedance High-impedance output output output output 36 TEST Test input pin. Be sure to connect it to GND. Output for port 1D and BEEP * P1D3-P1D0 * 4-bit I/O port * Input/output can be specified bit by bit. * BEEP1, BEEP0 * BEEP output When reset Power-on reset Input (P1D3-P1D0) 43 to 46 P2B3 to P2B0 WDT&SP reset Input (P1D3-P1D0) CE reset Held (P1D3-P1D0) When the clock is stopped Held (P1D3-P1D0) CMOS push-pull -
37 38 39 40
P1D3 P1D2 P1D1/BEEP1 P1D0/BEEP0
CMOS push-pull
4-bit I/O port. Input/output can be specified bit by bit. When reset Power-on reset Input WDT&SP reset Input CE reset Held When the clock is stopped Held
47 to 50
P3C3 to P3C0
4-bit I/O port. Input/output can be specified in 4-bit units. When reset Power-on reset Input WDT&SP reset Input CE reset Held When the clock is stopped Held
CMOS push-pull
11
PD17P719
Pin No. 51 to 54 Symbol P3D3 to P3D0 Function 4-bit I/O port. Input/output can be specified in 4-bit units. When reset Power-on reset Input 55 to 58 P2C3 to P2C0 WDT&SP reset Input CE reset Held When the clock is stopped Held CMOS push-pull Output format CMOS push-pull
4-bit I/O port. Input/output can be specified bit by bit. When reset Power-on reset Input WDT&SP reset Input CE reset Held When the clock is stopped Held
59 to 62
P0C3 to P0C0
4-bit I/O port. Input/output can be specified bit by bit. When reset Power-on reset Input WDT&SP reset Input CE reset Held When the clock is stopped Held
CMOS push-pull
63 64 65 66 67 68
P0A3/SDA P0A2/SCL P0A1/SCK2 P0A0/SO2 P0B3/SI2 P0B2/SCK3/ ASCK P0B1/SO3/TxD P0B0/SI3/RxD P2D2/SCK P2D1/SB1 P2D0/SB0
69 70 71 72 73
Input/output for P0A, P0B, P2D, and serial interface * P0A3-P0A0 * 4-bit I/O port * Input/output can be specified bit by bit. * P0B3-P0B0 * 4-bit I/O port * Input/output can be specified bit by bit. * P2D2-P2D0 * 3-bit I/O port * Input/output can be specified bit by bit. * SDA, SCL * Serial data and serial clock I/O when the 2-wire serial I/O or I2C bus of serial interface 2 is selected. * SCK2, SO2, SI2 * Serial clock I/O, serial data output, and serial data input when the 3-wire serial I/O of serial interface 2 is selected. * SCK3, SO3, SI3 * Serial clock I/O, serial data output, and serial data input when the 3-wire serial I/O of serial interface 3 is selected. * ASCK, TxD, RxD * Serial clock I/O, serial data output, and serial data input when the UART of serial interface 3 is selected. * SCK, SB1, SB0 * Serial clock and serial data I/O when the SBI of serial interface 2 is selected. When reset Power-on reset Input P0A3-P0A0, P0B3-P0B0, P2D2-P2D0 WDT&SP reset Input P0A3-P0A0, P0B3-P0B0, P2D2-P2D0 CE reset Held P0A3-P0A0, P0B3-P0B0, P2D2-P2D0 When the clock is stopped Held P0A3-P0A0, P0B3-P0B0, P2D2-P2D0
N-ch open-drain
CMOS push-pull
N-ch open-drain
12
PD17P719
Pin No. 74 Symbol REG Function CPU regulator. Use 0.1-F capacitor to connect it to GND. A crystal is connected to these pins. Output format -
76 77 78
XOUT XIN CE
-
Input for device operation selection, CE reset, and interrupt signals * Device operation selection When CE is high, the PLL frequency synthesizer can be operated. When CE is low, the PLL frequency synthesizer is automatically disabled by the device. * CE reset Setting CE from low to high resets the device upon the detection of a rising edge of the internal basic timer setting pulse. A reset timing delay can also be specified. * Interrupt A vectored interrupt occurs upon the detection of a falling edge of the input signal. Reset input
-
80
RESET
-
1.2
PROM PROGRAMMING MODE
Pin No. 26 to 29 21 33 75 36
Symbol MD3 to MD0 GND2 GND1 GND0 VPP
Function Input for operating mode selection for program memory write, read, or verification
Output format -
Ground
-
Pin to which program voltage is applied during program memory write, read, or verification. +12.5 V is applied. Power supply pins. +6 V is applied during program memory write, read, or verification. 8-bit data I/O for program memory write, read, or verification
-
30 79 51 to 58 77
VDD1 VDD0 D7 to D0 CLK
-
CMOS push-pull
Clock input for address updating during program memory write, read, or verification
-
Remark The pins other than those listed above are not used in PROM programming mode. For the handling of the unused pins, see PIN CONFIGURATION, (2) PROM programming mode.
13
PD17P719
1.3 EQUIVALENT CIRCUIT OF PINS (1) P0A (P0A1/SCK2, P0A0/SO2) P0B (P0B3/SI2, P0B2/SCK3/ASCK, P0B1/SO3/TxD, P0B0/SI3/RxD) P0C (P0C3, P0C2, P0C1, P0C0) P1D (P1D3, P1D2, P1D1/BEEP1, P1D0/BEEP0) P2A (P2A2, P2A1/FCG1, P2A0/FCG0) P2B (P2B3, P2B2, P2B1, P2B0) P2C (P2C3, P2C2, P2C1, P2C0) P2D (P2D2/SCK) P3A (P3A3, P3A2, P3A1, P3A0) P3B (P3B3, P3B2, P3B1, P3B0) P3C (P3C3, P3C2, P3C1, P3C0) P3D (P3D3, P3D2, P3D1, P3D0) (I/O)
VDD
CKSTOPNote VDD
Note In this circuit, a current drained by noise does not increase even if the circuit is in the floating state, because of the internal signal being output when the clock stop instruction is executed.
14
PD17P719
(2) P0A (P0A3/SDA, P0A2/SCL) P2D (P2D1/SB1, P2D0/SB0) (I/O)
VDD
CKSTOPNote
Note In this circuit, a current drained by noise does not increase even if the circuit is in the floating state, because of the internal signal being output when the clock stop instruction is executed. (3) P1B (P1B3, P1B2/PWM2, P1B1/PWM1, P1B0/PWM0) (Output)
(4) P0D (P0D3/AD3, P0D2/AD2, P0D1/AD1, P0D0/AD0) (Input)
A/D converter VDD
CKSTOPNote
P0DPLD flag High on-state resistor
Note In this circuit, a current drained by noise does not increase even if the circuit is in the floating state, because of the internal signal being output when the clock stop instruction is executed.
15
PD17P719
(5) P1A (P1A1) (Input)
VDD
CKSTOPNote
Note In this circuit, a current drained by noise does not increase even if the circuit is in the floating state, because of the internal signal being output when the clock stop instruction is executed. (6) P1C (P1C3/AD5, P1C2/AD4) (Input)
VDD A/D converter
CKSTOPNote
Note In this circuit, a current drained by noise does not increase even if the circuit is in the floating state, because of the internal signal being output when the clock stop instruction is executed.
16
PD17P719
(7) P1C (P1C1/AMIFC, P1C0/FMIFC) (Input)
VDD
General-purpose port
CKSTOPNote
VDD
High on-state resistor VDD
Frequency counter
Note In this circuit, a current drained by noise does not increase even if the circuit is in the floating state, because of the internal signal being output when the clock stop instruction is executed. (8) CE RESET INT0, INT1, INT2 P1A (P1A3/INT4, P1A2/INT3, P1A0/TM0G) (Schmitt-triggered input)
VDD
17
PD17P719
(9) XOUT (Output), XIN (Input)
VDD High on-state resistor
VDD
XIN
Internal clock
High on-state resistor XOUT
(10) EO1, EO0 (Output)
VDD
DWN
UP
(11) VCOH, VCOL (Input)
VDD
High on-state resistor
VDD
High on-state resistor
18
PD17P719
1.4 HANDLING UNUSED PINS
The unused pins should be handled as indicated in Table 1-1. Table 1-1
Pin P0D3/AD3-P0D0/AD0 P1C3/AD5 P1C2/AD4 P1C1/AMIFCNote 2 P1C0/FMIFCNote 2 P1A3/INT4 P1A2/INT3 P1A1 P1A0/TM0G P1B3 P1B2/PWM2-P1B0/PWM0 P0A3/SDA P0A2/SCL P0A1/SCK2 P0A0/SO2 P0B3/SI2 P0B2/SCK3/ASCK P0B1/SO3/TxD P0B0/SI3/RxD P0C3-P0C0 P1D3 P1D2 P1D1/BEEP1 P1D0/BEEP0 P2A2 P2A1/FCG1 P2A0/FCG0 P2B3-P2B0 P2C3-P2C0 N-ch open-drain output I/ONote 3 I/O format Input
Handling Unused Pins
Recommended handling Connect each pin to GND through a resistor.Note 1
(1/2)
Specify as a port and connect each pin to VDD or GND through a resistor.Note 1 Connect each pin to GND through a resistor.Note 1
Specify low output, in the software, and leave open.
Specify as a general-purpose input port, in the software, and connect each pin to VDD or GND through a resistor.Note 1
Port pins
Notes 1. When making an external connection to VDD with a pull-up resistor, or to GND with a pull-down resistor, note the following: If the resistance of the pull-up or pull-down resistor is too high, the pin approaches the high impedance state, thus increasing the through current drawn by the port. In general, pull-up and pull-down resistors should have a resistance of between 20 and 50 kilohms, depending on the application circuit. 2. Do not specify AMIFC or FMIFC. If AMIFC or FMIFC is specified, current drain increases. 3. I/O ports become general-purpose input ports upon power-on reset, reset by the RESET pin, watchdog timer reset, or stack overflow/underflow reset.
19
PD17P719
Table 1-1
Pin P2D2/SCK P2D1/SB1 P2D0/SB0 P3A3-P3A0 P3B3-P3B0 P3C3-P3C0 P3D3-P3D0 CE Other than port pins EO1 EO0 INT0-INT2 RESET TEST VCOH VCOL Input Input Output Connect to VDD through a resistor.Note 1 Leave each pin open. I/O format I/ONote 2
Handling Unused Pins
Recommended handling Specify as a general-purpose input port, in the software, and connect each pin to VDD or GND through a resistor.Note 1
(2/2)
Port pins
Input Input -
Connect each pin to GND through a resistor.Note 1 Connect to VDD through a resistor.Note 1 Connect directly to GND. Disable PLL, in the program, and leave each pin open.
Notes 1. When making an external connection to VDD with a pull-up resistor, or to GND with a pull-down resistor, note the following: If the resistance of the pull-up or pull-down resistor is too high, the pin approaches the high impedance state, thus increasing the through current drawn by the port. In general, pull-up and pull-down resistors should have a resistance of between 20 and 50 kilohms, depending on the application circuit. 2. I/O ports become general-purpose input ports upon power-on reset, reset by the RESET pin, watchdog timer reset, or stack overflow/underflow reset.
20
PD17P719
1.5 NOTES ON USE OF THE CE, INT0-INT4, AND RESET PINS (ONLY IN NORMAL OPERATION MODE) The CE, INT0-INT4, and RESET pins can be used as the test mode selection pin for testing the internal operation of the PD17P719 (IC test), besides the usage shown in Section 1.1. Applying a voltage exceeding VDD to the CE, INT0-INT4, or RESET pin causes the PD17P719 to enter test mode. When noise exceeding VDD comes in during normal operation, the device may not operate normally. For example, if the wiring from the CE, INT0-INT4, or RESET pin is too long, noise may be induced on the wiring, causing this mode switching. When installing the wiring, lay the wiring in such a way that noise is suppressed as much as possible. If noise yet arises, use an external part to suppress it as shown below. * Connect a diode with low VF between the pin and VDD.
VDD VDD
* Connect a capacitor between the pin and VDD.
Diode with low VF
VDD
VDD
CE, INT0-INT4, RESET
CE, INT0-INT4, RESET
1.6 NOTES ON USE OF THE TEST PIN (ONLY IN NORMAL OPERATION MODE) Applying VDD to the TEST pin causes the PD17P719 to enter test mode or program memory write/verify mode. Keep the wiring as short as possible and connect the TEST pin directly to the GND pin. When the wiring between the TEST pin and GND pin is too long or external noise enters the TEST pin, a voltage difference may occur between the TEST pin and GND pin. When this happens, your program may malfunction.
GND TEST
Keep the wiring as short as possible.
21
PD17P719
2. ONE-TIME PROM (PROGRAM MEMORY) WRITE, READ, AND VERIFICATION
The program memory built into the PD17P719 is a one-time PROM (16384 x 16 bits) that is electrically writable. In normal operation, this PROM is accessed on a 16-bit word basis. During program memory write, read, and verification, the PROM is accessed on an 8-bit word basis. The higher 8 bits of a 16-bit word are located at an evennumbered address, and the lower 8 bits are located at an odd-numbered address. For PROM write, read, and verification, PROM programming mode must be specified, and the pins listed in Table 2-1 are used. In this case, address input is not used. Instead, clock input on the CLK pin is used to update addresses. Table 2-1 Pins Used for Program Memory Write, Read, and Verification
Pin VPP CLK MD0-MD3 D0-D7 VDD0, VDD1 Function Used to apply the program voltage (+12.5 V) Used to apply an address update clock Used to select an operating mode Used to input/output 8-bit data Used to apply the power supply voltage (+6 V)
For writing to the built-in PROM, a specified PROM programmer and dedicated programmer adapter are to be used. The following PROM programmers and programmer adapters are usable:
PROM programmer PG-1500 + PA-17KDZ (adapter for PG-1500)
Programmer adapter PA-17P709GC
Third-party PROM programmers are also available: For example, AF-9703, AF-9704, AF-9705, and AF-9706 (manufactured by Ando Electric Co., Ltd.)
22
PD17P719
Fig. 2-1 PA17P709GC and PA-17KDZ
PA-17P709GC
PA-17KDZ
To PG-1500
2.1
OPERATING MODES FOR PROGRAM MEMORY WRITE, READ, AND VERIFICATION
The PD17P719 is placed in program memory write, read, and verify mode when +6 V is applied to the VDD pin, and +12.5 V to the VPP pin. In this mode, one of the operating modes indicated in Table 2-2 is set, depending on the setting of the MD0 to MD3 pins. The input pins that are not used for program memory write, read, and verification are connected to GND through a pull-down resistor (470 ohms). (See PIN CONFIGURATION, (2) PROM programming mode.) Table 2-2 Operating Modes for Program Memory Write, Read, and Verication
Operating mode specification VPP +12.5 V VDD +6 V MD0 MD1 MD2 MD3 H L L H L H L X H H H H L H H H
Operating mode Program memory address zero-clear mode Write mode Read/verify mode Program inhibit mode
Remark X: L or H
23
PD17P719
2.2 PROGRAM MEMORY WRITE PROCEDURE
The program memory write procedure is described below. The procedure allows high-speed write operation. (1) Connect the unused pins to GND through pull-down resistors. The CLK pin must be low. (2) Apply 5 V to the VDD pin. The VPP pin must be low. (3) Apply 5 V to the VPP pin after waiting 10 s. (4) Specify program memory address zero-clear mode, using the mode setting pins. (5) Apply 6 V to VDD, and 12.5 V to VPP. (6) Program inhibit mode (7) Write data in 1-ms write mode. (8) Program inhibit mode (9) Verify mode. When data has been written normally, proceed to step (10). When data has not been written normally, repeat steps (7) to (9). (10) Perform an additional write operation ((X: Number of write operations performed in steps (7) to (9)) x 1 ms). (11) Program inhibit mode (12) Apply four pulses to the CLK pin to increment the program memory address by 1. (13) Repeat steps (7) to (12) until the last address is reached. (14) Program memory address zero-clear mode (15) Change the voltage applied to the VDD and VPP pins to 5 V. (16) Turn off the power. Steps (2) to (12) are illustrated below.
Repeat X times Reset Write Verify Additional write Address increment
VDD + 1 VDD VDD GND VPP VDD GND CLK
VPP
D0-D7
Hi-Z
Data input
Hi-Z
Data output
Hi-Z
Data input
Hi-Z
MD0
MD1
MD2
MD3
24
PD17P719
2.3 PROGRAM MEMORY READ PROCEDURE (1) Connect the unused pins to GND through pull-down resistors. The CLK pin must be low. (2) Apply 5 V to the VDD pin. The VPP pin must be low. (3) Apply 5 V to the VPP pin after waiting 10 s. (4) Specify program memory address zero-clear mode, using the mode setting pins. (5) Apply 6 V to VDD, and 12.5 V to VPP. (6) Program inhibit mode (7) Verify mode. When a clock pulse signal is applied to the CLK pin, data is output for each address every four clock pulses. (8) Program inhibit mode (9) Program memory address zero-clear mode (10) Change the voltage applied to the VDD and VPP pins to 5 V. (11) Turn off the power. Steps (2) to (9) are illustrated below.
Reset
VDD + 1 VDD VDD GND VPP VPP VDD GND
CLK
Hi-Z D0-D7 Data output Data output
Hi-Z
MD0
MD1
"L"
MD2
MD3
25
PD17P719
3. ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Parameter Supply voltage PROM program voltage Input voltage Symbol VDD VPP VI At other than CE, INT0-INT4, and RESET pins CE, INT0-INT4, and RESET pins Output voltage High output current VO IOH At other than P1B0-P1B3 At one pin Total for P2A0-P2A2, P3A0-P3A3, and P3B0-P3B3 Total for P0A0, P0A1, P0B0-P0B3, P0C0-P0C3, P1D0-P1D3, P2B0-P2B3, P2C0-P2C3, P2D2, P3C0-P3C3, and P3D0-P3D3 Low output current IOL At one pin of P1B0-P1B3 At one pin of other than P1B0-P1B3 Total for P2A0-P2A2, P3A0-P3A3, and P3B0-P3B3 Total for P0A0-P0A3, P0B0-P0B3, P0C0-P0C3, P1D0-P1D3, P2B0-P2B3, P2C0-P2C3, P2D0-P2D2, P3C0-P3C3, and P3D0-P3D3 Total for P1B0-P1B3 Output withstand voltage Total loss Operating ambient temperature Storage temperature VBDS Pt TA P1B0-P1B3 12.0 8.0 15.0 mA mA mA Condition Rating -0.3 to +6.0 -0.3 to +13.5 -0.3 to VDD + 0.3 -0.3 to VDD + 0.6 -0.3 to VDD + 0.3 -8.0 -15.0 Unit V V V V V mA mA
-25.0
mA
25.0
mA
25.0 14.0 200 -40 to +85
mA V mW C C
Tstg
-55 to +125
Caution Absolute maximum ratings are rated values beyond which physical damage will be caused to the product; if the rated value of any of the parameters in the above table is exceeded, even momentarily, the quality of the product may deteriorate. Always use the product within its rated values. RECOMMENDED OPERATING RANGES (TA = -40 to +85 C)
Parameter Supply voltage Symbol VDD1 VDD2 Condition While the CPU and PLL are operating While the CPU is operating but the PLL is halted Min. 4.5 3.5 Typ. 5.0 5.0 Max. 5.5 5.5 Unit V V
RECOMMENDED OUTPUT WITHSTAND VOLTAGE (TA = -40 to +85 C)
Parameter Output withstand voltage Symbol VBDS P1B0-P1B3 Condition Min. Typ. Max. 12 Unit V
26
PD17P719
DC CHARACTERISTICS (TA = -40 to +85 C, VDD = 3.5 to 5.5 V)
Parameter Supply current Symbol IDD1 Condition The CPU is operating but the PLL is halted, with a sinusoidal wave applied to the XIN pin. (fIN = 4.5 MHz 1%, VIN = VDD) The CPU and PLL are halted, with a sinusoidal wave applied to the XIN pin. (fIN = 4.5 MHz 1%, VIN = VDD) The HALT instruction is used. The crystal oscillator is operating. The crystal oscillator is halted. The timer flip-flop is used for detecting power failure. Data memory contents are held. The crystal oscillator is halted. VDD = 5 V, TA = 25 C 3.5 2.2 Min. Typ. 1.5 Max. 3.0 Unit mA
IDD2
0.7
1.5
mA
Data hold voltage
VDDR1 VDDR2
5.5 5.5
V V
VDDR3 Data hold current IDDR1 IDDR2 High input voltage VIH1
2.0 2.0 2.0 0.7VDD
5.5 4.0 30.0 VDD
V
A A
V
P0A0, P0B1, P0C0-P0C3, P1A0, P1A1, P1C0-P1C3, P1D0-P1D3, P2A2, P2B0-P2B3, P2C0-P2C3, P3A0-P3A3, P3B0-P3B3, P3C0-P3C3, P3D0-P3D3 P0A1-P0A3, P0B0, P0B2, P0B3, P2A0, P2A1, P2D0-P2D2, CE, INT0-INT4, RESET P0D0-P0D3 P0A0, P0B1, P0C0-P0C3, P1A0, P1A1, P1C0-P1C3, P1D0-P1D3, P2A2, P2B0-P2B3, P2C0-P2C3, P3A0-P3A3, P3B0-P3B3, P3C0-P3C3, P3D0-P3D3 P0A1-P0A3, P0B0, P0B2, P0B3, P2A0, P2A1, P2D0-P2D2, CE, INT0-INT4, RESET P0D0-P0D3 P0A0, P0A1, P0B0-P0B3, P0C0-P0C3, P1D0-P1D3, P2A0-P2A2, P2B0-P2B3, P2C0-P2C3, P2D2, P3A0-P3A3, P3B0-P3B3, P3C0-P3C3, P3D0-P3D3 VOH = VDD - 1 V EO0, EO1 VDD = 4.5 to 5.5 V, VOH = VDD - 1 V
VIH2
0.8VDD
VDD
V
VIH3 Low input voltage VIL1
0.55VDD 0
VDD 0.3VDD
V V
VIL2
0
0.2VDD
V
VIL3 High output current IOH1
0 -1.0
0.15VDD
V mA
IOH2 Low output current IOL1
-3.0 1.0
mA mA
P0A0-P0A3, P0B0-P0B3, P0C0-P0C3, P1D0-P1D3, P2A0-P2A2, P2B0-P2B3, P2C0-P2C3, P2D0-P2D2, P3A0-P3A3, P3B0-P3B3, P3C0-P3C3, P3D0-P3D3 VOL = 1 V EO0, EO1 P1B0-P1B3 P0D0-P0D3 are pulled down. P1B0-P1B3 EO0, EO1 Input pin VDD = 4.5 to 5.5 V, VOL = 1 V VOL = 1 V VIN = VDD VIN = 12 V VIN = VDD, VIN = 0 V VIN = VDD
IOL2 IOL3 High input current Output-off leakage current High input leakage current Low input leakage current IIH ILO1 ILO2 ILIH
3.0 7.0 5.0 150 1.0 1.0 1.0
mA mA
A A A A A
ILIL
Input pin
VIN = 0 V
-1.0
27
PD17P719
AC CHARACTERISTICS (TA = -40 to +85 C, VDD = 5 V 10%)
Parameter Operating frequency Symbol fIN1 Condition VCOL pin in MF mode Sinusoidal wave applied to the VIN pin = 0.15Vp-p Sinusoidal wave applied to the VIN pin = 0.20Vp-p fIN2 VCOL pin in HF mode, with a sinusoidal wave applied to the VIN pin = 0.1Vp-pNote VCOH pin in VHF mode, with a sinusoidal wave applied to the VIN pin = 0.1Vp-pNote AMIFC pin, with a sinusoidal wave applied to the VIN pin = 0.15Vp-p FMIFC pin in FMIF count mode, with a sinusoidal wave applied to the VIN pin = 0.20Vp-p FMIFC pin in AMIF count mode, with a sinusoidal wave applied to the VIN pin = 0.15Vp-p External clock External clock Min. 0.8 Typ. Max. 3 Unit MHz
0.5
3
MHz
10
40
MHz
fIN3
60
130
MHz
fIN4
0.4
0.5
MHz
fIN5
10
11
MHz
fIN6 SIO2 input frequency fIN7 SIO3 input frequency fIN8
0.4
0.5
MHz
1 0.7
MHz MHz
Note The condition of sinusoidal wave input VIN = 0.1Vp-p is the rated value when the PD17P719 alone is operating. Where influence of noise must be taken into consideration, operation under input amplitude condition of VIN = 0.15Vp-p is recommended. A/D CONVERTER CHARACTERISTICS (TA = -40 to +85 C, VDD = 5 V 10%)
Parameter Total error in A/D conversion Total error in A/D conversion Symbol 8 bits TA = 0 to 85 C Condition Min. Typ. Max. 3.0 2.5 Unit LSB
8 bits
LSB
REFERENCE CHARACTERISTICS (TA = +25 C, VDD = 5.0 V)
Parameter Supply current Symbol IDD3 Condition The CPU and PLL are operating, with a sinusoidal wave applied to the VCOH pin. (fIN = 130 MHz, VIN = 0.3Vp-p) Min. Typ. 6.0 Max. 12.0 Unit mA
28
PD17P719
DC PROGRAMMING CHARACTERISTICS (TA = 25 5 C, VDD = 6.0 0.25 V, VPP = 12.5 0.3 V)
Parameter Input high voltage Symbol VIH1 VIH2 Input low voltage VIL1 VIL2 Input leakage current Output high voltage Output low voltage VDD supply current VPP supply current ILI VOH VOL IDD IPP MD0 = VIL, MD1 = VIH Condition Other than CLK CLK Other than CLK CLK VIN = VIL or VIH IOH = -1 mA IOL = 1.6 mA VDD - 1.0 0.4 30 30 Min. 0.7VDD VDD - 0.5 0 0 Typ. Max. VDD VDD 0.3VDD 0.4 10 Unit V V V V
A
V V mA mA
Cautions 1. VPP must be under +13.5 V including overshoot. 2. VDD must be applied before VPP on and must be off after VPP off. AC PROGRAMMING CHARACTERISTICS (TA = 25 5 C, VDD = 6.0 0.25 V, VPP = 12.5 0.3 V)
Parameter Symbol Note 1 tAS tOES tDS tAH tDH tDF tVPS tVCS tPW tOPW tCES tDV tOEH tOR tACC tOH 10 When reading program memory 2 2 2 2 2 0 2 2 130 MD0 = MD1 = VIL tM1H + tM1R 50 s 2 2 10 0.125 4.19 Condition Min. 2 2 2 2 2 0 2 2 0.95 0.95 2 1 1.0 1.05 21.0 130 Typ. Max. Unit
Address setup timeNote 2 (referred to MD0) tAS MD1 setup time (referred to MD0) Data setup time (referred to MD0) Address hold timeNote 2 (referred to MD0) Data hold time (referred to MD0) Data output float delay from MD0 VPP setup time (referred to MD3) VDD setup time (referred to MD3) Initial program pulse width Additional program pulse width MD0 setup time (referred to MD1) Data output delay from MD0 MD1 hold time (referred to MD0) MD1 recovery time (referred to MD0) Program counter reset time CLK input high, low level range CLK input frequency Initial mode set time MD3 setup time (referred to MD1) MD3 hold time (referred to MD1) MD3 setup time (referred to MD0) Data output delay from address incrementNote 2 Data output hold time from address incrementNote 2 tM1S tDS tAH tDH tDF tVPS tVDS tPW tOPW tM0S tDV tM1H tM1R tPCR tXH,tXL fX tI tM3S tM3H tM3SR tDAD tHAD tM3HR tDFR tRES
s s s s s
ns
s s
ms ms
s s s s s s
MHz
s s s s s
ns
MD3 hold time (referred to MD0) Data output float delay from MD3 Reset setup time
s s s
Notes 1. Symbols used for the PD27C256 (The PD27C256 is used only for maintenance.) 2. The internal address signal is incremented by 1 on the falling edge of the third clock (CLK) pulse, with four CLK pulses treated as one cycle. Internal addresses are not connected to pins.
29
PD17P719
Write program memory timing
tRES tVPS VPP VPP VDD tVDS tXH
GND VDD + 1 VDD VDD GND CLK
tXL D0-D7 tI MD0 tPW MD1 tPCR MD2 tM3S MD3 tM1S tM1H tM3H tM1R tM0S tOPW Data input tDS tDH Data output tDV tDF Data input tDS tDH tAH tAS Data input
Remark The dashed line indicates high-impedance. Read program memory timing
tRES tVPS VPP VPP VDD GND VDD + 1 VDD VDD GND CLK tXL Hi-Z D0-D7 tI MD0 tDV tM3HR Data output Data output tDFR tDAD tHAD Hi-Z tVDS
tXH
MD1
L tPCR
MD2 tM3SR MD3
30
PD17P719
4. PACKAGE DRAWING
80 PIN PLASTIC QFP (14x14)
A B
60 61
41 40
detail of lead end
CD
S Q R
80 1
21 20
F G H P I
M
J K M N L
NOTE Each lead centerline is located within 0.13 mm (0.005 inch) of its true position (T.P.) at maximum material condition.
ITEM A B C D F G H I J K L M N P Q R S
MILLIMETERS 17.20.4 14.00.2 14.00.2 17.20.4 0.825 0.825 0.300.10 0.13 0.65 (T.P.) 1.60.2 0.80.2 0.15 +0.10 -0.05 0.10 2.7 0.10.1 55 3.0 MAX.
INCHES 0.6770.016 0.551 +0.009 -0.008 0.551 +0.009 -0.008 0.6770.016 0.032 0.032 0.012 +0.004 -0.005 0.005 0.026 (T.P.) 0.0630.008 0.031 +0.009 -0.008 0.006 +0.004 -0.003 0.004 0.106 0.0040.004 55 0.119 MAX. S80GC-65-3B9-4
31
PD17P719
5. RECOMMENDED SOLDERING CONDITIONS
The conditions listed below shall be met when soldering the PD17P719. For details of the recommended soldering conditions, refer to our document SMD Surface Mount Technology
Manual (C10535E).
Please consult with our sales offices in case any other soldering process is used, or in case soldering is done under different conditions. Table 5-1 Soldering Conditions for Surface-Mount Devices
PD17P719GC-3B9: 80-pin plastic QFP (14 x 14 mm, 0.65-mm pitch)
Soldering process Infrared ray reflow Soldering conditions Peak package's surface temperature: 235 C Reflow time: 30 seconds or less (at 210 C or more) Maximum allowable number of reflow processes: 3 Peak package's surface temperature: 215 C Reflow time: 40 seconds or less (at 200 C or more) Maximum allowable number of reflow processes: 3 Solder temperature: 260 C or less Flow time: 10 seconds or less Number of flow processes: 1 Preheating temperature: 120 C max. (measured on the package surface) Partial heating method Terminal temperature: 300 C or less Heat time: 3 seconds or less (for one side of a device) Recommended conditions IR35-00-3
VPS
VP15-00-3
Wave soldering
WS60-00-1
Caution Do not apply more than a single process at once, except for "Partial heating method."
32
PD17P719
APPENDIX DEVELOPMENT TOOLS
The following support tools are available for developing programs for the PD17P719. Hardware
Name In-circuit emulator IE-17K IE-17K-ETNote 1 EMU-17KNote 2 Description The IE-17K, IE-17K-ET, and EMU-17K are in-circuit emulators applicable to the 17K series. The IE-17K and IE-17K-ET are connected to the host machine (PC-9800 series or IBM PC/ ATTM) through the RS-232C interface. The EMU-17K is inserted into the extension slot of the host machine (PC-9800 series). Use the system evaluation board (SE board) corresponding to each product together with one of these in-circuit emulators. SIMPLEHOSTTM, a man machine interface, implements an advanced debug environment. The EMU-17K also enables user to check the contents of the data memory in real time. The SE-17709 is an SE board for the PD17719 sub-series. It is used alone for evaluating the system. It is also used for debugging, in combination with an in-circuit emulator. The EP-17K80GC is an emulation probe for the PD17P719GC. When used with the EV9200GC-80Note 3, this emulation probe connects the SE board to the target system. The EV-9200GC-80 is a conversion socket for the 80-pin plastic QFP (14 x 14 mm). It is used to connect the EP-17K80GC to the target system. The PG-1500 is a PROM programmer for the PD17P719. Use this PROM programmer with the PA-17KDZ (adapter for the PG-1500) and PA17P709GC programmer adapter, to program the PD17P719. The PA-17P709GC is a socket unit for the PD17P719. It is used with the PG-1500.
SE board (SE-17709) Emulation probe (EP-17K80GC) Conversion socket (EV-9200GC-80Note 3) PROM Programmer (PG-1500)
Programmer adapter (PA-17P709GC)
Notes 1. Low-end model, operating on an external power supply 2. The EMU-17K is a product of Naito Densei Machida Seisakusho Co., Ltd.. Contact Naito Densei Machida Seisakusho Co., Ltd. (Kawasaki, 044-822-3813) for details. 3. The EP-17K80GC is supplied together with one EV-9200GC-80. A set of five EV-9200GC-80s is also available. Remark Third-party PROM programmers are also available: For example, AF-9703, AF-9704, AF-9705, and AF9706 (manufactured by Ando Electric Co., Ltd.). These PROM programmers can be used with the PA17P709GC programmer adapter. For details, contact Ando Electric Co., Ltd. (Tokyo, 03-3733-1151).
33
PD17P719
Software
Host machine Distribution media
Name 17K series assembler (AS17K)
Description AS17K is an assembler applicable to the 17K series. In developing PD17P719 programs, AS17K is used in combination with a device file (AS17707).
OS
Part number
PC-9800 MS-DOSTM series
5.25-inch, S5A10AS17K 2HD 3.5-inch, 2HD
S5A13AS17K
IBM PC/AT
PC DOSTM
5.25-inch, S7B10AS17K 2HC 3.5-inch, 2HC
S7B13AS17K
Device file (AS17707)
AS17707 has a device file for the PD17P719 . It is used together with the assembler (AS17K), which is applicable to the 17K series.
PC-9800 MS-DOS series
5.25-inch, S5A10AS17707 2HD 3.5-inch, 2HD
S5A13AS17707
IBM PC/AT
PC DOS
5.25-inch, S7B10AS17707 2HC 3.5-inch, 2HC
S7B13AS17707
Support software (SIMPLEHOST)
SIMPLEHOST, running under WindowsTM, provides a man machine interface in developing programs by using a personal computer and incircuit emulator.
PC-9800 MS-DOS series
Windows
5.25-inch, S5A10IE17K 2HD 3.5-inch, 2HD
S5A13IE17K
IBM PC/AT
PC DOS
5.25-inch, S7B10IE17K 2HC 3.5-inch, 2HC
S7B13IE17K
Remark The following table lists the versions of the operating systems described in the above table.
OS MS-DOS PC DOS Windows Versions Ver. 3.30 to Ver.5.00ANote Ver. 3.1 to Ver. 5.0Note Ver. 3.0 to Ver. 3.1
Note MS-DOS versions 5.00 and 5.00A and PC DOS Ver. 5.0 are provided with a task swap function. in these software packages. This function, however, cannot be used
34
PD17P719
[MEMO]
35
PD17P719
[MEMO]
36
PD17P719
NOTES FOR CMOS DEVICES
1 PRECAUTION AGAINST ESD FOR SEMICONDUCTORS
Note: Strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. Environmental control must be adequate. When it is dry, humidifier should be used. It is recommended to avoid using insulators that easily build static electricity. Semiconductor devices must be stored and transported in an anti-static container, static shielding bag or conductive material. All test and measurement tools including work bench and floor should be grounded. The operator should be grounded using wrist strap. Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for PW boards with semiconductor devices on it.
2 HANDLING OF UNUSED INPUT PINS FOR CMOS
Note: No connection for CMOS device inputs can be cause of malfunction. If no connection is provided to the input pins, it is possible that an internal input level may be generated due to noise, etc., hence causing malfunction. CMOS device behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND with a resistor, if it is considered to have a possibility of being an output pin. All handling related to the unused pins must be judged device by device and related specifications governing the devices.
3 STATUS BEFORE INITIALIZATION OF MOS DEVICES
Note: Power-on does not necessarily define initial status of MOS device. Production process of MOS does not define the initial operation status of the device. Immediately after the power source is turned ON, the devices with reset function have not yet been initialized. Hence, power-on does not guarantee out-pin levels, I/O settings or contents of registers. Device is not initialized until the reset signal is received. Reset operation must be executed immediately after power-on for devices having reset function.
37
PD17P719
[MEMO]
Caution This product contains an I2C bus interface circuit. When using the I2C bus interface, notify its use to NEC when ordering custom code. NEC can guarantee the following only when the customer informs NEC of the use of the interface: Purchase of NEC I2C components conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
38
PD17P719
Regional Information
Some information contained in this document may vary from country to country. Before using any NEC product in your application, pIease contact the NEC office in your country to obtain a list of authorized representatives and distributors. They will verify:
* * * * *
Device availability Ordering information Product release schedule Availability of related technical literature Development environment specifications (for example, specifications for third-party tools and components, host computers, power plugs, AC supply voltages, and so forth) Network requirements
*
In addition, trademarks, registered trademarks, export restrictions, and other legal issues may also vary from country to country.
NEC Electronics Inc. (U.S.)
Santa Clara, California Tel: 800-366-9782 Fax: 800-729-9288
NEC Electronics (Germany) GmbH
Benelux Office Eindhoven, The Netherlands Tel: 040-2445845 Fax: 040-2444580
NEC Electronics Hong Kong Ltd.
Hong Kong Tel: 2886-9318 Fax: 2886-9022/9044
NEC Electronics (Germany) GmbH
Duesseldorf, Germany Tel: 0211-65 03 02 Fax: 0211-65 03 490
NEC Electronics Hong Kong Ltd. NEC Electronics (France) S.A.
Velizy-Villacoublay, France Tel: 01-30-67 58 00 Fax: 01-30-67 58 99 Seoul Branch Seoul, Korea Tel: 02-528-0303 Fax: 02-528-4411
NEC Electronics (UK) Ltd.
Milton Keynes, UK Tel: 01908-691-133 Fax: 01908-670-290
NEC Electronics (France) S.A.
Spain Office Madrid, Spain Tel: 01-504-2787 Fax: 01-504-2860
NEC Electronics Singapore Pte. Ltd.
United Square, Singapore 1130 Tel: 253-8311 Fax: 250-3583
NEC Electronics Italiana s.r.1.
Milano, Italy Tel: 02-66 75 41 Fax: 02-66 75 42 99
NEC Electronics Taiwan Ltd. NEC Electronics (Germany) GmbH
Scandinavia Office Taeby, Sweden Tel: 08-63 80 820 Fax: 08-63 80 388 Taipei, Taiwan Tel: 02-719-2377 Fax: 02-719-5951
NEC do Brasil S.A.
Sao Paulo-SP, Brasil Tel: 011-889-1680 Fax: 011-889-1689
J96. 8
39
PD17P719
SIMPLEHOST is a trademark of NEC Corporation.
MS-DOS and Windows are trademarks of Microsoft Corporation. PC/AT and PC DOS are trademarks of IBM Corporation. The export of this product from Japan is regulated by the Japanese government. To export this product may be prohibited without governmental license, the need for which must be judged by the customer. The export or re-export of this product from a country other than Japan may also be prohibited without a license from that country. Please call an NEC sales representative.
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPD17P719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X